Part Number Hot Search : 
TPCA8 ZVG55W 154K1 T520C UPD78083 P101W LLZ5235B C74VHC1
Product Description
Full Text Search
 

To Download HYB25D512400CC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2006 hyb25d512400c[e/t/f/c](l) hyb25d512800c[e/t/f/c](l) hyb25d512160c[e/t/f](l) ddr sdram rohs compliant products internet data sheet rev. 1.31
we listen to your comments any information within this document that yo u feel is wrong, unclear or missing at all? your feedback will help us to continuous ly improve the quality of this document. please send your proposal (including a reference to this document) to: techdoc@qimonda.com internet data sheet hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram qag_techdoc_rev400 / 3.2 qag / 2006-08-07 2 03292006-3tfj-hnv3 hyb25d512400c[e/t/f/c](l), hyb25d512800c[e/t/f/c](l) , hyb25d512160c[e/t/f](l) revision history: 2006-09, rev. 1.31 page subjects (major chan ges since last revision) all qimonda update all adapted internet edition previous revision: 2006-05, rev. 1.3 10 added the components hyb25d512160ct-6, hyb25d512160ct-5, hyb25d512800cfl-6 hyb25d512800cfl-5, hyb25d512160cfl-6 10 correct the name hyb25d512400cfl-6 previous revision: 2006-03, rev. 1.2
internet data sheet rev. 1.31, 2006-09 3 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram 1overview this chapter gives an overview of the 512-mbit doubl e-data-rate sdram product family and describes its main characteristics. 1.1 features ? double data rate architecture: two data transfers per clock cycle ? bidirectional data strobe (dqs) is transmitted and received with data, to be used in capturing data at the receiver ? dqs is edge-aligned with data for reads and is center- aligned with data for writes ? differential clock inputs (ck and ck ) ? four internal banks for concurrent operation ? data mask (dm) for write data ? dll aligns dq and dqs transitions with ck transitions ? commands entered on each positive ck edge; data and data mask referenced to both edges of dqs ? burst lengths: 2, 4, or 8 ? cas latency: 2, 2.5, 3 ? auto precharge option for each burst access ? auto refresh and self refresh modes ? ras-lockout supported t rap =t rcd ?7.8 s maximum average periodic refresh interval ? 2.5 v (sstl_2 compatible) i/o ?v ddq = 2.5 v 0.2 v ?v dd = 2.5 v 0.2 v ? p-tfbga-60-11 package ? p-tsopii-66-1 package ? rohs compliant products 1) table 1 performance for ?5 and ?6 1) rohs compliant product: restriction of the use of certain hazar dous substances (rohs) in el ectrical and electronic equipment as defined in the directive 2002/95/ec issued by the european parliament and of the council of 27 january 2003. these substances include m ercury, lead, cadmium, hexavalent chromium, polybro minated biphenyls and polybrominated biphenyl ethers. part number speed code ?5 ?6 unit speed grade component ddr400b ddr333b ? max. clock frequency @cl3 f ck3 200 166 mhz @cl2.5 f ck2.5 166 166 mhz @cl2 f ck2 133 133 mhz
internet data sheet rev. 1.31, 2006-09 4 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram 1.2 description the 512-mbit double-data-rate sdram is a high-speed cmos, dynamic random-access memory containing 536,870,912 bits. it is internal ly configured as a quad-bank dram. the 512-mbit double-data-rate sdram uses a double- data-rate architecture to ac hieve high-speed operation. the double data rate architecture is essentially a 2n prefetch architecture with an interface designed to transfer two data words per clock cycle at the i/o pins. a single read or write access for the 512-mbit double-data-rate sdram effectively consists of a single 2n -bit wide, one clock cycle data transfer at the internal dram core and two corresponding n-bit wide, one-ha lf-clock-cycle data transfers at the i/o pins. a bidirectional data strobe (d qs) is transmitted externally, along with data, for use in data capture at the receiver. dqs is a strobe transmitted by the ddr sdram during reads and by the memory controller dur ing writes. dqs is edge-aligned with data for reads and center-a ligned with data for writes. the 512-mbit double-data-rate sdram operates from a differential clock (ck and ck ; the crossing of ck going high and ck going low is referred to as the positive edge of ck). commands (address and control signals) are registered at every positive edge of ck. input data is registered on both edges of dqs, and output data is referenced to both edges of dqs, as well as to both edges of ck. read and write accesses to the ddr sdram are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. accesses begin with the registration of an active command, which is then followed by a read or write command. the address bits registered coincident with the active command are used to select the bank and row to be accessed. the address bits registered coincident with the read or write command are used to select the bank and the starting column location for the burst access. the ddr sdram provides for programmable read or write burst lengths of 2, 4 or 8 locations. an auto precharge function may be enabled to provide a self-timed row precharge that is initiated at the end of the burst access. as with standard sdrams, the pipelined, multibank architecture of ddr sdrams allows for concurrent operation, thereby providing high effective bandwidth by hiding row precharge and activation time. an auto refresh mode is provided along with a power-saving power-down mode. all inputs are compatible with the jedec standard for sstl_2. all out puts are sstl_2, class ii compatible. note: the functionality described and the timing specifications included in this data sheet are for the dll enabled mode of operation.
internet data sheet rev. 1.31, 2006-09 5 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 2 ordering informationfor lead-free(rohs compliant products) part number 1) 1) hyb: designator for memory components 25d: ddr sdrams at v ddq = 2.5 v 512: 512-mbit density 400/800/160: product variations x4, x8 and x16 b: die revision b c/f/e: package type fbga and tsop org. cas-rcd-rp latencies clock (mhz) cas-rcd-rp latencies clock (mhz) speed package hyb25d512400cf?5 4 3.0-3-3 200 2.5-3-3 166 ddr400b p-tfbga-60-11 hyb25d512400cfl?5 4 hyb25d512800cf?5 8 hyb25d512800cfl?5 8 hyb25d512160cf?5 16 hyb25d512160cfl?5 16 hyb25d512400cf?6 4 2.5-3-3 166 2.0-3-3 133 ddr333 hyb25d512400cfl?6 4 hyb25d512800cf?6 8 hyb25d512800cfl?6 8 hyb25d512160cf?6 16 hyb25d512160cfl?6 16 hyb25d512400ce?5 4 3.0-3-3 200 2.5-3-3 16 6 ddr400b p-tsopii-66-1 hyb25d512800ce?5 8 hyb25d512800cel?5 8 hyb25d512160ce?5 16 hyb25d512160cel?5 16 hyb25d512400ce?6 4 2.5-3-3 166 2.0-3-3 133 ddr333 hyb25d512800ce?6 8 hyb25d512800cel?6 8 hyb25d512160ce?6 16 hyb25d512160cel?6 16
internet data sheet rev. 1.31, 2006-09 6 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 3 ordering information for non rohs compliant products part number 1) 1) hyb: designator for memory components 25d: ddr sdrams at v ddq = 2.5 v 512: 512-mbit density 400/800/160: product variations x4, x8 and x16 b: die revision b c/f/e: package type fbga and tsop org. cas-rcd-rp latencies clock (mhz) cas-rcd-rp latencies clock (mhz) speed package HYB25D512400CC?5 4 3.0-3-3 200 2.5-3-3 166 ddr400b p-tfbga-60-11 hyb25d512800cc?5 8 HYB25D512400CC?6 4 2.5-3-3 166 2.0-3-3 133 ddr333 hyb25d512800cc?6 8 hyb25d512400ct?5 4 3.0-3-3 200 2.5-3-3 166 ddr400b p-tsopii-66-1 hyb25d512800ct?5 8 hyb25d512160ct?5 16 hyb25d512400ct?6 4 2.5-3-3 166 2.0-3-3 133 ddr333 hyb25d512800ct?6 8 hyb25d512160ct?6 16
internet data sheet rev. 1.31, 2006-09 7 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram 2 pin configuration the pin configuration of a ddr sdram is listed by function in table 4 (60 pins). the abbreviations used in the pin#/buffer# column are explained in table 5 and table 6 respectively. the pin numbering for fbga is depicted in figure 1 and that of the tsop package in figure 2 table 4 pin configuration of ddr sdram ball#/pin# name pin type buffer type function clock signals g2, 45 ck1 i sstl clock signal g3, 46 ck1 i sstl complementary clock signal h3, 44 cke i sstl clock enable control signals h7, 23 ras i sstl row address strobe g8, 22 cas i sstl column address strobe g7, 21 we i sstl write enable h8, 24 cs i sstl chip select address signals j8, 26 ba0 i sstl bank address bus 2:0 j7, 27 ba1 i sstl k7, 29 a0 i sstl address bus 11:0 l8, 30 a1 i sstl l7, 31 a2 i sstl m8, 32 a3 i sstl m2, 35 a4 i sstl l3, 36 a5 i sstl l2, 37 a6 i sstl k3, 38 a7 i sstl k2, 39 a8 i sstl j3, 40 a9 i sstl k8, 28 a10 i sstl ap i sstl j2, 41 a11 i sstl h2, 42 a12 i sstl address signal 12 note: module based on 256 mbit or larger dies nc nc ? note: module based on 128 mbit or smaller dies
internet data sheet rev. 1.31, 2006-09 8 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram f9, 17 a13 i sstl address signal 13 note: 1 gbit based module nc nc ? note: module based on 512 mbit or smaller dies data signals 4 organization b7, 5 dq0 i/o sstl data signal bus 3:0 d7, 11 dq1 i/o sstl d3, 56 dq2 i/o sstl b3, 62 dq3 i/o sstl data strobe 4 organisation e3, 51 dqs i/o sstl data strobe data mask 4 organization f3, 47 dm i sstl data mask data signals 8 organization a8, 2 dq0 i/o sstl data signal bus 7:0 b7, 5 dq1 i/o sstl c7, 8 dq2 i/o sstl d7, 11 dq3 i/o sstl d3, 56 dq4 i/o sstl c3, 59 dq5 i/o sstl b3, 62 dq6 i/o sstl a2, 65 dq7 i/o sstl data strobe 8 organisation e3, 51 dqs i/o sstl data strobe data mask 8 organization f3, 47 dm i sstl data mask ball#/pin# name pin type buffer type function
internet data sheet rev. 1.31, 2006-09 9 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram data signals 16 organization a8, 2 dq0 i/o sstl data signal 15:0 b9, 4 dq1 i/o sstl b7, 5 dq2 i/o sstl c9, 7 dq3 i/o sstl c7, 8 dq4 i/o sstl d9, 10 dq5 i/o sstl d7, 11 dq6 i/o sstl e9, 13 dq7 i/o sstl e1, 54 dq8 i/o sstl d3, 56 dq9 i/o sstl d1, 57 dq10 i/o sstl c3, 59 dq11 i/o sstl c1, 60 dq12 i/o sstl b3, 62 dq13 i/o sstl b1, 63 dq14 i/o sstl a2, 65 dq15 i/o sstl data strobe 16 organization e3, 51 udqs i/o sstl data strobe upper byte e7, 16 ldqs i/o sstl data strobe lower byte data mask 16 organization f3, 47 udm i sstl data mask upper byte f7, 20 ldm i sstl data mask lower byte power supplies f1, 49 v ref ai ? i/o reference voltage a9, b2, c8, d2, e8, 3, 9, 15, 55, 61 v ddq pwr ? i/o driver power supply a7, f8, m7, 1, 18, 33 v dd pwr ? power supply a1, b8, c2, d8, e2, 6, 12, 52, 58, 64 v ssq pwr ? power supply a3, f2, m3, 34 v ss pwr ? power supply not connected a2, 65 nc nc ? not connected note: 4 organization a8, 2 nc nc ? not connected note: 4 organization b1, 63 nc nc ? not connected note: 8 and 4 organisation ball#/pin# name pin type buffer type function
internet data sheet rev. 1.31, 2006-09 10 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 5 abbreviations for pin type b9, 4 nc nc ? not connected note: 8 and 4 organization c1, 60 nc nc ? not connected note: 8 and 4 organization c3, 59 nc nc ? not connected note: 4 organization c7, 8 nc nc ? not connected note: 4 organization c9, 7 nc nc ? not connected note: 8 and 4 organization d1, 57 nc nc ? not connected note: 8 and 4 organization d9, 10 nc nc ? not connected note: 8 and 4 organization e1, 54 nc nc ? not connected note: 8 and 4 organization e7, 16 nc nc ? not connected note: 8 and 4 organization e9, 13 nc nc ? not connected note: 8 and 4 organization f7, 20 nc nc ? not connected note: 8 and 4 organization 14, 17, 19, 25, 43, 50 nc nc ? not connected 16, 8 and 4 organization abbreviation description i standard input-only pin. digital levels. o output. digital levels. i/o i/o is a bidirectio nal input/output signal. ai input. analog levels. pwr power gnd ground nc not connected (jedec standard) ball#/pin# name pin type buffer type function
internet data sheet rev. 1.31, 2006-09 11 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 6 abbreviations for buffer type abbreviation description sstl serial stub terminalted logic (sstl2) lv-cmos low voltage cmos cmos cmos levels od open drain. the corresponding pin has 2 oper ational states, active low and tristate, and allows multiple devices to share as a wire-or.
internet data sheet rev. 1.31, 2006-09 12 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram figure 1 pin configuration p-tfbga-60-9 top vi ew, see the balls throught the package & $6  & 6  0 3 3 '      9  6 6 4  ' 4 6  & .  1  &   1  &   1  &   1  &   9  5 ( )  1  &   9  ' ' 4  9  6 6 4  9  ' ' 4  9  6 6 4  9  6 6  1 &  $   $   $  $  $  & .  & . (  $  $  $  9  6 6  ' 0  ' 4   1  &   ' 4   9  6 6  : (  5 $6  % $  $  $  9  ' '  ' 4   1  &   ' 4   9  ' '  1  &   1  &   1  &   9  6 6 4  9  ' ' 4  9  6 6 4  9  ' '  % $  $   $3  $  $  9  ' ' 4  9  ' ' 4  1  &   1  &   1  &   1  &   1 &  $   $ %  &  '  )  *  +  -  (  / 0  .  & $6  & 6  9  6 6 4  ' 4 6  & .  1  &   1  &   1  &   1  &   9  5 ( ) ' 4   9  ' ' 4  9  6 6 4  9  ' ' 4  9  6 6 4  9  6 6  1 &  $   $   $  $  $  & .  & . (  $  $  $  9  6 6  ' 0  ' 4   ' 4   ' 4   9  6 6  : (  5 $6  % $  $  $  9  ' '  ' 4   ' 4   ' 4   9  ' '  1  &   1  &   ' 4   9  6 6 4  9  ' ' 4  9  6 6 4  9  ' '  % $  $   $3  $  $  9  ' ' 4  9  ' ' 4  1  &   1  &   1  &   1  &   1 &  $   $ %  &  '  )  *  +  -  (  / 0  .   [     [    8 ' 4 6  & .  ' 4    ' 4    ' 4    ' 4   9  5 ( )  ' 4    9  ' ' 4  9  6 6 4  9  ' ' 4  9  6 6 4  9  6 6  1 &  $   $   $  $  $  & . (  $  $  $  9  6 6  8 ' 0  ' 4   ' 4    ' 4    9  6 6              $ %  &  '  )  *  +  -  (  /  0  .   [     & .  % $  $  $  9  ' '  ' 4   ' 4   ' 4   9  ' '    /' 4 6  / ' 0  ' 4   9  6 6 4  9  ' ' 4  9  6 6 4  9  ' '  % $  $   $3  $  $    9  ' ' 4  9  ' '4  ' 4   ' 4   ' 4   ' 4     1 &  $   : (  & $6  5 $6  & 6  9  6 6 4                                     
internet data sheet rev. 1.31, 2006-09 13 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram figure 2 pin configuration p-tsopii-66-1 0 3 3 '                                                                                                                                9 ' ' ' 4  9 ' ' 4 9 6 6 4 ' 4  ' 4  9 ' ' 4 ' 4  ' 4  ' 4  ' 4  9 6 6 4 ' 4  9 ' ' 4 1  &  /' 4 6 1  &   $  9 ' ' 1  &  /' 0 : ( & $6 5 $6 & 6 1  &  % $ % $ $   $3 $ $ $ $ 9 ' ' 9 ' ' ' 4  9 ' ' 4 9 6 6 4 1  &  ' 4  9 ' ' 4 1  &  ' 4  1  &  ' 4  9 6 6 4 1  &  9 ' ' 4 1  &  1  &  1  &   $  9 ' ' 1  &  1  &  : ( & $6 5 $6 & 6 1  &  % $ % $ $   $3 $ $ $ $ 9 ' ' 9 ' ' 1  &  9 ' ' 4 9 6 6 4 1  &  ' 4  9 ' ' 4 1  &  1  &  1  &  ' 4  9 6 6 4 1  &  9 ' ' 4 1  &  1  &  1  &   $  9 ' ' 1  &  1  &  : ( & $6 5 $6 & 6 1  &  % $ % $ $   $3 $ $ $ $ 9 ' ' 9 6 6 ' 4   9 6 6 4 9 ' ' 4 ' 4   ' 4   9 6 6 4 ' 4   ' 4   ' 4   ' 4  9 ' ' 4 ' 4  9 6 6 4 1  &  8 ' 4 6 1  &  9 5 ( ) 8 ' 0 & . & . & . ( 1  &  1  &   $  $  $ $ $ $ $ $ 9 6 6 9 6 6 9 6 6 ' 4  9 6 6 4 9 ' '4 1  &  ' 4  9 6 6 4 1  &  ' 4  1  &  ' 4  9 ' '4 1  &  9 6 6 4 1  &  ' 4 6 1  &  9 5 ( ) ' 0 & . & . & . ( 1  &  1  &   $  $  $ $ $ $ $ $ 9 6 6 9 6 6 9 6 6 1  &  9 6 6 4 9 ' ' 4 1  &  ' 4  9 6 6 4 1  &  1  &  1  &  ' 4  9 ' ' 4 1  &  9 6 6 4 1  &  ' 4 6 1  &  9 5 ( ) ' 0 & . & . & . ( 1  &  1  &   $  $  $ $ $ $ $ $ 9 6 6 9 6 6 [    [   [   
internet data sheet rev. 1.31, 2006-09 14 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram 3 functional description the 512-mbit double-data-rate sdram is a high-speed cmos, dynamic random-access memory containing 536,870,912 bits. the 512-mbit double-data-rate sdram is internally configured as a quad-bank dram. the 512-mbit double-data-rate sdram uses a double- data-rate architecture to ac hieve high-speed operation. the double-data-rate architecture is essentially a 2n prefetch architecture, with an interface designed to transfer two data words per clock cycle at the i/o pins. a single read or write access for the 512-mbit double-data-rate sdram consists of a single 2n -bit wide, one clock cycle data transfer at the internal dram core and two corresponding n-bit wide, one- half clock cycle data tran sfers at the i/o pins. read and write accesses to the ddr sdram are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. accesses begin with the registration of an active command, which is then followed by a read or write command. the address bits registered coincident with the active command are used to select the bank and row to be accessed (ba0, ba1 select the ban k; a0-a12 select the row). the address bits registered co incident with the read or write command are used to select the starting column location for the burst access. prior to normal operation, the ddr sdram must be initialized. the following sections provide detailed information covering device initialization, register definition, command descriptions and device operation.
internet data sheet rev. 1.31, 2006-09 15 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 7 mode register definition field bits type 1) 1) w = write only register bit description bl [2:0] w burst length number of sequential bits per dq related to one read/write command. note: all other bit combinations are reserved. 001 b 2 010 b 4 011 b 8 bt 3 burst type see table 8 for internal address sequence of low order address bits. 0 b sequential 1 b interleaved cl [6:4] cas latency number of full clocks from read command to first data valid window. note: all other bit combinations are reserved. 010 b 2 011 b 3 110 b 2.5 mode [12:7] operating mode note: all other bit combinations are reserved. 000000 b normal operation without dll reset 000010 b normal dll reset 0 3 % 7     % $ % $ $  $  $  $ $ $ $ $ $ $ $ $ $  2 s h u d w l q j  0 2 ' ( % / & / % 7  u h j   d g g u z z z z
internet data sheet rev. 1.31, 2006-09 16 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 8 burst definition notes 1. for a burst length of two, a1-ai selects the two-data-el ement block; a0 selects the first access within the block. 2. for a burst length of four, a2-ai sele cts the four-data-elem ent block; a0-a1 selects the first access within the block. 3. for a burst length of eight, a3-ai selects the eight-data- element block; a0-a2 selects the first access within the block. 4. whenever a boundary of the block is reached within a give n sequence above, the following access wraps within the block. burst length starting column address order of accesses within a burst a2 a1 a0 type = sequential type = interleaved 2 ??0 0-1 0-1 ??1 1-0 1-0 4 ? 0 0 0-1-2-3 0-1-2-3 ? 0 1 1-2-3-0 1-0-3-2 ? 1 0 2-3-0-1 2-3-0-1 ? 1 1 3-0-1-2 3-2-1-0 8 0000-1-2-3-4-5-6-7 0-1-2-3-4-5-6-7 0011-2-3-4-5-6-7-0 1-0-3-2-5-4-7-6 0102-3-4-5-6-7-0-1 2-3-0-1-6-7-4-5 0113-4-5-6-7-0-1-2 3-2-1-0-7-6-5-4 1004-5-6-7-0-1-2-3 4-5-6-7-0-1-2-3 1015-6-7-0-1-2-3-4 5-4-7-6-1-0-3-2 1106-7-0-1-2-3-4-5 6-7-4-5-2-3-0-1 1117-0-1-2-3-4-5-6 7-6-5-4-3-2-1-0
internet data sheet rev. 1.31, 2006-09 17 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 9 extended mode register field bits type 1) 1) w = write only register bit description dll 0w dll status 0 b enabled 1 b disabled ds 1 drive strength 0 b normal 1 b weak mode [12:3] operating mode note: 5. a2 must be 0 to provide compatibility with early ddr devices 6. all other bit combin ations are reserved. 00000000000 b normal operation 0 3 % 7     % $ % $ $  $  $  $ $ $ $ $ $ $ $ $ $  2 s h u d w l q j  0 2 ' ( ' // ' 6  u h j   d g g u z z z z 
internet data sheet rev. 1.31, 2006-09 18 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 10 truth table 1a: commands table 11 truth table 1b: dm operation name (function) cs ras cas we address mne note deselect (nop) h x x x x nop 1)2) 1) cke is high for all commands shown exceptself refresh. v ref must be maintained during self refresh operation. 2) deselect and nop are functionally interchangeable. no operation (nop) l h h h x nop 1)2) active (select bank and activate row) l l h h bank/row act 1)3) 3) ba0-ba1 provide bank address and a0-a12 provide row address. read (select bank and column, and start read burst) l h l h bank/col read 1)4) 4) ba0, ba1 provide bank address; a0-ai provide column address (wher e i = 8 for x16, i = 9 for x8 and 9, 11 for x4); a10 high en ables the auto precharge feature (nonpersistent), a10 low disables the auto precharge feature. write (select bank and column, and start write burst) l h l l bank/col write 1)4) burst terminate l h h l x bst 1)5) 5) applies only to read bursts with auto precharge disabled; th is command is undefined (and should not be used) for read bursts with auto precharge enabled or for write bursts. precharge (deactivate row in bank or banks) l l h l code pre 1)6) 6) a10 low: ba0, ba1 determine which bank is precharged. a10 high: all banks are precharged and ba0, ba1 are ?don?t care?. auto refresh or self refresh (e nter self refresh mode) l l l h x ar/sr 1)7)8) 7) this command is auto refresh if cke is high; self refresh if cke is low. 8) internal refresh counter controls row and bank addressi ng; all inputs and i/os are ?don?t care? except for cke. mode register set l l l l op-code mrs 1)9) 9) ba0, ba1 select either the base or the extended mode register ( ba0 = 0, ba1 = 0 selects mode register; ba0 = 1, ba1 = 0 selects extended mode register; other combinations of ba0-ba1 are reserv ed; a0-a12 provide the op-code to be written to the selected mo de register). name (function) dm dqs note write enable lvalid 1) 1) used to mask write data; provided coincident with the corresponding data. write inhibit hx 1)
internet data sheet rev. 1.31, 2006-09 19 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 12 truth table 2: clock enable (cke) 1. cken is the logic state of cke at clock edge n: ck e n-1 was the state of cke at the previous clock edge. 2. current state is the state of the ddr sdram immediately prior to clock edge n. 3. command n is the command registered at clock edge n, and action n is a result of command n. 4. all states and sequences not shown are illegal or reserved. current state cke n-1 cken command n action n note previous cycle current cycle self refresh l l x maintain self-refresh 1) 1) v ref must be maintained during self refresh operation self refresh l h deselect or nop exit self-refresh 2) 2) deselect or nop commands should be issued on any clock edges occurring during the self refresh exit (v xsnr ) period. a minimum of 200 clock cycles are needed before applyi ng a read command to allow the dll to lock to the input clock. power down l l x maintain power-down power down l h deselect or nop exit power-down all banks idle h l deselect or nop precharge power-down entry all banks idle h l auto refresh self refresh entry bank(s) active h l deselect or nop active power-down entry h h see table 13 ?
internet data sheet rev. 1.31, 2006-09 20 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 13 truth table 3: current state bank n - command to bank n (same bank) current state cs ras cas we command action note any hxxxdeselect nop. continue previous operation. 1)2)3)4)5)6) 1) this table applies when cke n-1 was high and cke n is high (see table 12 and after t xsnr /t xsrd has been met (if the previous state was self refresh). 2) this table is bank-specific, ex cept where noted, i.e., the current state is for a specific bank and the commands shown are th ose allowed to be issued to that bank when in that state. exceptions are covered in the notes below. 3) current state definitions: idle: the bank has been precharged, and t rp has been met. row active: a row in the bank has been activated, and t rcd has been met. no data bursts/accesses and no register accesses are in progress. read: a read burst has been initiated, with auto precharge disabled, and has not yet terminated or been terminat ed. write: a write burst has been initiated, with auto prec harge disabled, and has not yet terminated or been terminated. 4) the following states must not be interrupted by a command issued to the same bank. precharging: starts with registration of a precharge command and ends when t rp is met. once t rp is met, the bank is in the idle state. row acti vating: starts with registration of an active command and ends when t rcd is met. once t rcd is met, the bank is in the ?row active? state. read w/auto precharge enabled: starts with registration of a read command with auto precharge enabled and ends when t rp has been met. once t rp is met, the bank is in the idle state. write w/auto precharge enabled: starts with registra tion of a write command with auto precharge enabled and ends when t rp has been met. once t rp is met, the bank is in the idle state. deselect or nop commands, or allowable comm ands to the other bank should be issued on any clock edge occurring during these states. allowable co mmands to the other bank are determined by its current stat e and according to table 14 . 5) the following states must not be interrupted by any execut able command; deselect or nop commands must be applied on each posi tive clock edge during these states. refreshi ng: starts with registration of an auto refresh command and ends when t rfc is met. once t rfc is met, the ddr sdram is in the ?all banks idle? state. accessing m ode register: starts with registration of a mode register set c ommand and ends when t mrd has been met. once t mrd is met, the ddr sdram is in the ?all banks idle? state. precharging all: starts with registration of a precharge all command and ends when t rp is met. once t rp is met, all banks is in the idle state. 6) all states and sequences not shown are illegal or reserved. lhhhno operation nop. continue previous operation. 1) to 6) idle l l h h active select and activate row 1) to 6) l l l h auto refresh ? 1) to 7) 7) not bank-specific; requires that all banks are idle. llllmode register set ? 1) to 7) row active l h l h read select column and start read burst 1) to 6), 8) 8) reads or writes listed in the command/action column include read s or writes with auto precharge enabled and reads or writes w ith auto precharge disabled. l h l l write select column and start write burst 1) to 6), 8) l l h l precharge deactivate row in bank(s) 1) to 6), 9) 9) may or may not be bank-specific; if al l/any banks are to be precharged, all/any must be in a valid state for precharging. read (auto precharge disabled) l h l h read select column and start new read burst 1) to 6), 8) l l h l precharge truncate read burst, start precharge 1) to 6), 9) lhhl burst terminate burst terminate 1) to 6), 10) 10) not bank-specific; burst terminate affects th e most recent read burst, regardless of bank. write (auto precharge disabled) l h l h read select column and start read burst 1) to 6), 8), 11) 11) requires appropriate dm masking. l h l l write select column and start write burst 1) to 6), 8) l l h l precharge truncate wr ite burst, start precharge 1) to 6), 9), 10)
internet data sheet rev. 1.31, 2006-09 21 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 14 truth table 4: current state bank n - command to bank m current state cs ras cas we command action note any hxxxdeselect nop. continue previous operation. 1)2)3)4)5)6) 1) this table applies when cke n-1 was high and cke n is high (see table 12 : clock enable (cke) and after t xsnr /t xsrd has been met (if the previous state was self refresh). 2) this table describes alternate bank opera tion, except where noted, i.e., the current state is for bank n and the commands sho wn are those allowed to be issued to bank m (assuming that bank m is in such a state that the given command is allowable). exceptions are co vered in the notes below. 3) current state definitions: idle: the bank has been precharged, and t rp has been met. row active: a row in the bank has been activated, and t rcd has been met. no data bursts/accesses and no register accesses are in progress. read: a read burst has been initiated, with auto precharge disabled, and has not yet terminated or been terminat ed. write: a write burst has been initiated, with auto prec harge disabled, and has not yet terminated or been termi nated. read with auto precharge enabled: see 10) . write with auto precharge enabled: see 10) . 4) auto refresh and mode register set commands may only be issued when all banks are idle. 5) a burst terminate command cannot be issued to another bank; it applies to the bank represented by the current state only. 6) all states and sequences not shown are illegal or reserved. lhhhno operation nop. continue previous operation. 1) to 6) idle xxxxany command otherwise allowed to bank m ? 1) to 6) row activating, active, or precharging l l h h active select and activate row 1) to 6) l h l h read select column and start read burst 1) to 7) 7) reads or writes listed in the command/action column include read s or writes with auto precharge enabled and reads or writes w ith auto precharge disabled. l h l l write select column and start write burst 1) to 7) ll h l precharge ? 1) to 6) read (auto precharge disabled) l l h h active select and activate row 1) to 6) l h l h read select column and start new read burst 1) to 7) ll h l precharge ? 1) to 6) write (auto precharge disabled) l l h h active select and activate row 1) to 6) l h l h read select column and start read burst 1) to 8) 8) requires appropriate dm masking. l h l l write select column and start new write burst 1) to 7) ll h l precharge ? 1) to 6) read (with auto precharge) l l h h active select and activate row 1) to 6) l h l h read select column and start new read burst 1) to 7), 9) 9) concurrent auto precharge: this device supports ?concurrent auto precharge?. when a read with auto precharge or a write with auto precharge is enabled any command may follow to the other banks as l ong as that command does not interrupt the read or write dat a transfer and all other limitations apply (e .g. contention between read data and write data must be avoided). the minimum delay from a read or write command with auto precharge enable, to a command to a different banks is summarized in table 15 . l h l l write select column and start write burst 1) to 7), 9), 10) ll h l precharge ? 1) to 6) write (with auto precharge) l l h h active select and activate row 1) to 6) l h l h read select column and start read burst 1) to 7), 9) l h l l write select column and start new write burst 1) to 7), 9) ll h l precharge ? 1) to 6)
internet data sheet rev. 1.31, 2006-09 22 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 15 truth table 5: concurrent auto precharge 10) a write command may be applied after the completion of data output. from command to command (different bank) minimum delay with concurrent auto precharge support unit write w/ap read or read w/ap 1 + (bl/2) + t wtr t ck write to write w/ap bl/2 t ck precharge or activate 1 t ck read w/ap read or read w/ap bl/2 t ck write or write w/ap cl (rounded up) + bl/2 t ck precharge or activate 1 t ck
internet data sheet rev. 1.31, 2006-09 23 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram 4 electrical characteristics this chapter describes the electrical characteristics. 4.1 operating conditions this chapter contains the operating conditions. table 16 absolute maximum ratings attention: permanent damage to the device may occur if ?absolute maximum ratings? are exceeded. this is a stress rating only, and functional operation should be rest ricted to recommended operation conditions. exposure to absolute maximum rating conditions for extended periods of time may affect device reliability and exceeding only one of the values may cause ir reversible damage to the integrated circuit. attention: stresses above the max. value s listed here may cause permanent damage to the device. exposure to absolute maximum rating conditions for extended periods may affect device reliability. maximum ratings are absolute ratings; exceeding only one of these values may cause irreversible damage to the integrated circuit. table 17 input and output capacitances parameter symbol values unit note/ test condition min. typ. max. voltage on i/o pins relative to v ss v in , v out ?0.5 ? v ddq + 0.5 v voltage on inputs relative to v ss v in ?1 ? +3.6 v voltage on v dd supply relative to v ss v dd ?1 ? +3.6 v voltage on v ddq supply relative to v ss v ddq ?1 ? +3.6 v operating temperature (ambient) t a 0?+70 c storage temperature (plastic) t stg -55 ? +150 c power dissipation (per sdram component) pd ? 1 ? w short circuit output current i out ?50? ma parameter symbol values unit note/ test condition min. typ. max. input capacitance: ck, ck c i1 2.0 ? 3.0 pf tsopii 1) 1.5 ? 2.5 pf tfbga 1) delta input capacitance c di1 ??0.25pf 1) input capacitance: all other input-only pins c i2 1.5 ? 2.5 pf tfbga 1) 2.0 ? 3.0 pf tsopii 1) delta input capacitance: all other input-only pins c dio ??0.5pf 1)
internet data sheet rev. 1.31, 2006-09 24 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram input/output capacitance: dq, dqs, dm c io 3.5 ? 4.5 pf tfbga 1)2) 4.0 ? 5.0 pf tsopii 1)2) delta input/output capa citance: dq, dqs, dm c dio ??0.5pf 1) 1) these values are guaranteed by design and are tested on a sample base only. v ddq = v dd = 2.5 v 0.2 v, f = 100 mhz, t a = 25 c, v out(dc) = v ddq /2, v out (peak to peak) 0.2 v. unused pins are tied to ground. 2) dm inputs are grouped with i/o pins reflecting the fact that t hey are matched in loading to dq and dqs to facilitate trace ma tching at the board level. parameter symbol values unit note/ test condition min. typ. max.
internet data sheet rev. 1.31, 2006-09 25 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 18 electrical characteristics and dc operating conditions parameter symbol values unit note/test condition 1) 1) 0 c t a 70 c min. typ. max. device supply voltage v dd 2.3 2.5 2.7 v f ck 166 mhz device supply voltage v dd 2.5 2.6 2.7 v f ck > 166 mhz 2) 2) ddr400 conditions apply for all clock frequencies above 166 mhz output supply voltage v ddq 2.3 2.5 2.7 v f ck 166 mhz 3) 3) under all conditions, v ddq must be less than or equal to v dd . output supply voltage v ddq 2.5 2.6 2.7 v f ck > 166 mhz 2)3) supply voltage, i/o supply voltage v ss , v ssq 0?0v input reference voltage v ref 0.49 v ddq 0.5 v ddq 0.51 v ddq v 4) 4) peak to peak ac noise on v ref may not exceed 2% vref (dc). vref is also expected to track noise variations in v ddq . i/o termination voltage (system) v tt v ref ? 0.04 ? v ref + 0.04 v 5) 5) v tt is not applied directly to the device. v tt is a system supply for signal termination resistors, is expected to be set equal to v ref , and must track variations in the dc level of v ref . input high (logic1) voltage v ih(dc) v ref + 0.15 ? v ddq + 0.3 v 6) 6) inputs are not recognized as valid until v ref stabilizes. input low (logic0) voltage v il(dc) ? 0.3 ?v ref ? 0.15 v 6) input voltage level, ck and ck inputs v in(dc) ? 0.3 ?v ddq + 0.3 v 6) input differential voltage, ck and ck inputs v id(dc) 0.36 ? v ddq + 0.6 v 6)7) 7) v id is the magnitude of the difference between the input level on ck and the input level on ck . vi-matching pull-up current to pull-down current vi ratio 0.71 ? 1.4 ? 8) 8) the ration of the pull-up current to the pull-down current is specified for the same temperature and voltage, over the entire temperature and voltage range, for device drain to source voltage from 0.25 to 1.0 v. for a given output, it represents the maximum differen ce between pull-up and pull-down drivers due to process variation. input leakage current i i ?2 ? 2 a any input 0 v v in v dd ; all other pins not under test = 0 v 6)9) 9) values are shown per component output leakage current i oz ?5 ? 5 a dqs are disabled; 0 v v out v ddq 6) output high current, normal strength driver i oh ? ? ?16.2 ma v out = 1.95 v 6) output low current, normal strength driver i ol 16.2 ? ? ma v out = 0.35 v 6)
internet data sheet rev. 1.31, 2006-09 26 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram 4.2 ac characteristics (notes 1-5 apply to the following tables; electrical characteri stics and dc operating conditions, ac operating conditions, i dd specifications and conditions, and elec trical characteristics and ac timing.) notes 1. all voltages referenced to v ss . 2. tests for ac timing, i dd , and electrical, ac and dc characteristics, may be conducted at nominal reference/supply voltage levels, but the related specifications and device oper ation are guaranteed for the full voltage range specified. 3. figure 3 represents the timing reference load used in defining the re levant timing parameters of the part. it is not intended to be either a precise representation of the typical system environm ent nor a depiction of the ac tual load presented by a production tester. system designers will use ibis or other simula tion tools to correlate the ti ming reference load to a system environment. manufacturers will correlate to their production test conditions (generally a coaxial transmission line terminated at the tester electronics). 4. ac timing and i dd tests may use a v il to v ih swing of up to 1.5 v in the test environment, but input timing is still referenced to v ref (or to the crossing point for ck, ck ), and parameter specifications are guar anteed for the specified ac input levels under normal use conditions. the minimum slew rate for the input signals is 1 v/ns in the range between v il(ac) and v ih(ac) . 5. the ac and dc input level specifications are as defined in the sstl_2 standard (i.e . the receiver effectively switches as a result of the signal crossing the ac input level, and remain s in that state as long as the signal does not ring back above (below) the dc input low (high) level). 6. for system characteristics like setup & holdtime derating for slew rate, i/o delta rise/ fall derating, ddr sdram slew rate standards, overshoot & undershoot specification and cl amp v-i characteristics see th e latest jedec specification for ddr components. figure 3 ac output load circuit diagram / timing reference load 50 : timing reference point output ( v out ) 30 pf v tt
internet data sheet rev. 1.31, 2006-09 27 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 19 ac operating conditions table 20 ac timing - absolute specifications for pc3200 and pc2700 parameter symbol values unit note/ test condition note 1) 1) v ddq = 2.5 v 0.2 v, v dd = +2.5 v 0.2 v (ddr200 - ddr333); v ddq = 2.6 v 0.1 v, v dd = +2.6 v 0.1 v (ddr400); 0 c t a 70 c min. max. input high (logic 1) voltage, dq, dqs and dm signals v ih(ac) v ref + 0.31 ? v 2)3) 2) input slew rate = 1 v/ns. 3) inputs are not recognized as valid until v ref stabilizes. input low (logic 0) voltage, dq, dqs and dm signals v il(ac) ?v ref ? 0.31 v 2)3) input differential voltage, ck and ck inputs v id(ac) 0.7 v ddq + 0.6 v 2)3)4) 4) v id is the magnitude of the difference between the input level on ck and the input level on ck . input closing point voltage, ck and ck inputs v ix(ac) 0.5 v ddq ? 0.2 0.5 v ddq + 0.2 v 2)3)5) 5) the value of v ix is expected to equal 0.5 v ddq of the transmitting device and must track variations in the dc level of the same. parameter symbol ?5 ?6 unit note/ test condition 1) ddr400b ddr333 min. max. min. max. dq output access time from ck/ck t ac ?0.5 +0.5 ?0.7 +0.7 ns 2)3)4)5) ck high-level width t ch 0.45 0.55 0.45 0.55 t ck 2)3)4)5) clock cycle time t ck 5 8 6 12 ns cl = 3.0 2)3)4)5) 6 12 6 12 ns cl = 2.5 2)3)4)5) 7.5 12 7.5 12 ns cl = 2.0 2)3)4)5) ck low-level width t cl 0.45 0.55 0.45 0.55 t ck 2)3)4)5) auto precharge write recovery + precharge time t dal ( t wr / t ck )+( t rp / t ck )t ck 2)3)4)5)6) dq and dm input hold time t dh 0.4 ? 0.45 ? ns 2)3)4)5) dq and dm input pulse width (each input) t dipw 1.75 ? 1.75 ? ns 2)3)4)5)6) dqs output access time from ck/ck t dqsck ?0.6 +0.6 ?0.6 +0.6 ns 2)3)4)5) dqs input low (high) pulse width (write cycle) t dqsl,h 0.35 ? 0.35 ? t ck 2)3)4)5) dqs-dq skew (dqs and associated dq signals) t dqsq ? +0.40 ? +0.40 ns tfbga 2)3)4)5) ? +0.40 ? +0.45 ns tsopii 2)3)4)5) write command to 1 st dqs latching transition t dqss 0.72 1.25 0.75 1.25 t ck 2)3)4)5)
internet data sheet rev. 1.31, 2006-09 28 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram dq and dm input setup time t ds 0.4 ? 0.45 ? ns 2)3)4)5) dqs falling edge hold time from ck (write cycle) t dsh 0.2 ? 0.2 ? t ck 2)3)4)5) dqs falling edge to ck setup time (write cycle) t dss 0.2 ? 0.2 ? t ck 2)3)4)5) clock half period t hp min. ( t cl , t ch )? min. ( t cl , t ch )? ns 2)3)4)5) data-out high-impedance time from ck/ck t hz ? +0.7 ?0.7 +0.7 ns 2)3)4)5)7) address and control input hold time t ih 0.6 ? 0.75 ? ns fast slew rate 3)4)5)6)8) 0.7 ? 0.8 ? ns slow slew rate 3)4)5)6)8) control and addr. input pulse width (each input) t ipw 2.2 ? 2.2 ? ns 2)3)4)5)9) address and control input setup time t is 0.6 ? 0.75 ? ns fast slew rate 3)4)5)6)8) 0.7 ? 0.8 ? ns slow slew rate 3)4)5)6)8) data-out low-impedance time from ck/ck t lz ?0.7 +0.70 ?0.70 +0.70 ns 2)3)4)5)7) mode register set command cycle time t mrd 2?2?t ck 2)3)4)5) dq/dqs output hold time t qh t hp ? t qhs ? t hp ? t qhs ?ns 2)3)4)5) data hold skew factor t qhs ? +0.50 ? +0.50 ns tfbga 2)3)4)5) ? +0.50 ? +0.55 ns tsopii 2)3)4)5) active to autoprecharge delay t rap t rcd ? t rcd ?ns 2)3)4)5) active to precharge command t ras 40 70e+3 42 70e+3 ns 2)3)4)5) active to active/auto-refresh command period t rc 55 ? 60 ? ns 2)3)4)5) active to read or write delay t rcd 15 ? 18 ? ns 2)3)4)5) average periodic refresh interval t refi ?7.8?7.8 s 2)3)4)5)8) auto-refresh to active/auto- refresh command period t rfc 65 ? 72 ? ns 2)3)4)5) precharge command period t rp 15 ? 18 ? ns 2)3)4)5) read preamble t rpre 0.9 1.1 0.9 1.1 t ck 2)3)4)5) read postamble t rpst 0.40 0.60 0.40 0.60 t ck 2)3)4)5) active bank a to active bank b command t rrd 10 ? 12 ? ns 2)3)4)5) write preamble t wpre 0.25 ? 0.25 ? t ck 2)3)4)5) parameter symbol ?5 ?6 unit note/ test condition 1) ddr400b ddr333 min. max. min. max.
internet data sheet rev. 1.31, 2006-09 29 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 21 i dd conditions write preamble setup time t wpres 0?0?ns 2)3)4)5)10) write postamble t wpst 0.40 0.60 0.40 0.60 t ck 2)3)4)5)11) write recovery time t wr 15 ? 15 ? ns 2)3)4)5) internal write to read command delay t wtr 2?1?t ck 2)3)4)5) exit self-refresh to non-read command t xsnr 75 ? 75 ? ns 2)3)4)5) exit self-refresh to read command t xsrd 200 ? 200 ? t ck 2)3)4)5) 1) 0 c t a 70 c; v ddq = 2.5 v 0.2 v, v dd = +2.5 v 0.2 v (ddr333); v ddq = 2.6 v 0.1 v, v dd = +2.6 v 0.1 v (ddr400) 2) input slew rate 1 v/ns for ddr400, ddr333 3) the ck/ck input reference level (for timing reference to ck/ck ) is the point at which ck and ck cross: the input reference level for signals other than ck/ck , is v ref . ck/ck slew rate are 1.0 v/ns. 4) inputs are not recognized as valid until v ref stabilizes. 5) the output timing reference level, as measured at the timing re ference point indicated in ac characteristics (note 3) is v tt . 6) for each of the terms, if not already an integer, round to the next highest integer. t ck is equal to the actual system clock cycle time. 7) t hz and t lz transitions occur in the same access ti me windows as valid data transitions. these parameters are not referred to a specific voltage level, but specify when the device is no longer driving (hz), or begins driving (lz). 8) fast slew rate 1.0 v/ns , slow slew rate 0.5 v/ns and < 1 v/ns for command/address and ck & ck slew rate > 1.0 v/ns, measured between v ih(ac) and v il(ac) . 9) these parameters guarantee device timing, but th ey are not necessarily tested on each device. 10) the specific requirement is that dqs be valid (high,low, or some point on a valid transition) on or before this ck edge. a v alid transition is defined as monotonic and meeting the input slew rate specificationsof the device. w hen no writes were previously in progress on the bus, dqs will be transitioning from hi-z to logic low. if a previous write was in progress, dqs could be high, low at this time , depending on t dqss . 11) the maximum limit for this parameter is not a device limit. the device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. parameter symbol operating current: one bank; active/ precharge; t rc = t rcmin ; t ck = t ckmin ; dq, dm, and dqs inputs changing once per clock cycle ; address and control inputs changing once every two clock cycles. i dd0 operating current: one bank; active/read/precharge; burst = 4; refer to the following page for detailed test conditions. i dd1 precharge power-down standby current: all banks idle; power-down mode; cke v ilmax ; t ck = t ckmin i dd2p precharge floating standby current: cs v ihmin , all banks idle; cke v ihmin ; t ck = t ckmin , address and other cont rol inputs changing once per clock cycle, v in = v ref for dq, dqs and dm. i dd2f precharge quiet standby current: cs v ihmin , all banks idle; cke v ihmin ; t ck = t ckmin , address and other control inputs stable at v ihmin or v ilmax ; v in = v ref for dq, dqs and dm. i dd2q active power-down standby current: one bank active; power-down mode; cke v ilmax ; t ck = t ckmin ; v in = v ref for dq, dqs and dm. i dd3p parameter symbol ?5 ?6 unit note/ test condition 1) ddr400b ddr333 min. max. min. max.
internet data sheet rev. 1.31, 2006-09 30 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram active standby current: one bank active; cs v ihmin ; cke v ihmin ; t rc =t rasmax ; t ck = t ckmin ; dq, dm and dqs inputs changing twice per clock cycle; address and control inputs changing once per clock cycle. i dd3n operating current: one bank active; burst = 2; reads; continuo us burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; cl = 2 for ddr200 and ddr266a, cl = 3 for ddr333; t ck = t ckmin ; i out =0ma i dd4r operating current: one bank active; burst = 2; writes; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; cl = 2 for ddr200 and ddr266a, cl = 3 for ddr333; t ck = t ckmin i dd4w auto-refresh current: t rc = t rfcmin , burst refresh i dd5 self-refresh current: cke 0.2 v; external clock on; t ck = t ckmin i dd6 operating current: four bank; four bank interleaving with bl = 4; refer to the following page for detailed test conditions. i dd7 parameter symbol
internet data sheet rev. 1.31, 2006-09 31 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 22 i dd specification for hyb25d 512[400/160/800]c[ef](l) ?6 ?5 unit note 1) 1) test conditions for typical values: v dd = 2.5 v (ddr333), v dd = 2.6 v (ddr400), t a = 25 c, test conditions for maximum values: v dd = 2.7 v, t a = 10 c ddr333 ddr400b symbol typ. max. typ. max. i dd0 60 70 60 75 ma 4/ 8 2)3) 2) i dd specifications are tested after the dev ice is properly initialized and measured at 166 mhz for ddr333, and 200 mhz for ddr400. 3) input slew rate = 1 v/ns. 70 85 75 90 ma 16 3) i dd1 65 80 70 85 ma 4/ 8 3) 80 95 90 110 ma 16 3) i dd2p 1.14.6 1.14.6 ma 3) i dd2f 21 25 25 30 ma 3) i dd2q 15 22 17 23 ma 3) i dd3p 11 15 12 16 ma 3) i dd3n 32 37 35 42 ma 4/ 8 3) 33 40 38 45 ma 16 3) i dd4r 70 85 80 90 ma 4/ 8 3) 95 115 110 135 ma 16 3) i dd4w 75 90 85 95 ma 4/ 8 3) 100 120 115 135 ma 16 3) i dd5 130 175 145 190 ma 3) i dd6 1.65 1.65 ma 4) 4) enables on-chip refresh and address counters. ? 2.5 ? 2.5 ma low power part(l) i dd7 175 205 195 230 ma 4/ 8 3) 190 230 210 250 ma 16 3)
internet data sheet rev. 1.31, 2006-09 32 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram 5 package outlines there are two package types used for this product family each in lead-free and lead-containing assembly: ? p-tfbga: plastic thin fine- pitch ball grid array package table 23 tfbga common package prope rties (non-green/green) figure 4 package outline p-tfbga-60-11 description size units ball size 0.460 mm recommended landing pad 0.350 mm recommended solder mask 0.450 mm    ' l h  6 r u w  ) l g x f l d o * 3 $         0 $;       [           [                     0 $;       0 , 1    [ 6 ( $ 7 , 1 *  3 /$1 (      0 $;    $   %         ?     0 & $ 0 ?     %    & &    &        0 l g g o h  r i  3 d f n d j h v  ( g j h v    3 d f n d j h  2 u l h q w d w l r q  0 d u n  $    % d g  8 q l w  0 d u n l q j   % 8 0     ' x p p \  3 d g v  z l w k r x w  % d o o ?     ?          6 r o g h u  e d o o  g l d p h w h u  u h i h u v  w r  s r v w  u h i o r z  f r q g l w l r q        3 u h  u h i o r z  g l d p h w h u  l v       p p 
internet data sheet rev. 1.31, 2006-09 33 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram ? p-tsopii: plastic thin sm all outline package type ii figure 5 package outline of p-tsop ii-66-1-1 (green/non-green) *3;      % d v l f                          5 ( )       0 , 1        0 $;         / h d g                              % d v l f  * d j h  3 o d q h  6 h d w l q j  3 o d q h  ?     ?     ?     ?    
internet data sheet rev. 1.31, 2006-09 34 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram figure 1 pin configuration p-tfbga-60-9 top view, see the balls throught the package . . . . . . . . . . . . . . . . . . . . . . 12 figure 2 pin configuration p-tsopii-66-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 figure 3 ac output load circuit diagram / timing reference load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 figure 4 package outline p-tfbga-60-11 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 figure 5 package outline of p-tsopii-66-1-1 (green/non-green) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 list of figures
internet data sheet rev. 1.31, 2006-09 35 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram table 1 performance for ?5 and ?6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 table 2 ordering informationfor lead-free(rohs compliant products). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 table 3 ordering information for non rohs compliant products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 table 4 pin configuration of ddr sdram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 table 5 abbreviations for pin type . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 table 6 abbreviations for buffer type . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 table 7 mode register definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 table 8 burst definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 table 9 extended mode register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 table 10 truth table 1a: commands . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 table 11 truth table 1b: dm operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 table 12 truth table 2: clock enable (cke). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 table 13 truth table 3: current state bank n - command to bank n (same bank) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 table 14 truth table 4: current state bank n - command to bank m . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 table 15 truth table 5: concurrent auto precharge. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 table 16 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 table 17 input and output capacitances . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 table 18 electrical characteristics and dc operating conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 table 19 ac operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 table 20 ac timing - absolute specifications for pc3200 and pc2700. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 table 21 i dd conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 table 22 i dd specification for hyb25d512[400/160/800]c[ef](l) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 table 23 tfbga common package properties (non-green/green) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 list of tables
internet data sheet rev. 1.31, 2006-09 36 03292006-3tfj-hnv3 hyb25d512[400/160/ 800]c[e/t/f/c](l) 512-mbit double-data-rate sdram 1 overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.2 description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2 pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 3 functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 4 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 4.1 operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 4.2 ac characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 5 package outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 list of figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 list of tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 table of contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 table of contents
edition 2006-09 published by qimonda ag gustav-heinemann-ring 212 d-81739 mnchen, germany ? qimonda ag 2006. all rights reserved. legal disclaimer the information given in this internet data sheet shall in no ev ent be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hi nts given herein, any typical values stated herein and/or any information regarding the application of the device, qimonda hereby disclaims any and all warranties and liabilities of any kin d, including without limitation warranties of non-infringem ent of intellectual property rights of any third party. information for further information on technology, delivery terms and conditio ns and prices please contact your nearest qimonda office. warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest qimonda office. qimonda components may only be used in life-support devices or systems with the express writte n approval of qimonda, if a failure of such components can reasonably be expected to cause the failure of that life-support devi ce or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is re asonable to assume that the he alth of the user or other persons may be endangered. www.qimonda.com internet data sheet


▲Up To Search▲   

 
Price & Availability of HYB25D512400CC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X